Part Number Hot Search : 
5K49FKR3 1N5938 04504 IRFB42 8062A SB060 ENA1028A 168W0
Product Description
Full Text Search
 

To Download BY299 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  100v-800v fast recovery rectifiers 2.0a e-mail: sales@taychipst.com web site: www.taychipst.com 1 of 2 by296 thru BY299 maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol by296 by297 by298 BY299 unit maximum recurrent peak reverse voltage v rrm 100 200 400 800 v maximum rms voltage v rms 70 140 280 560 v maximum dc blocking voltage v dc 100 200 400 800 v maximum average forward current 0.375"(9.5mm) lead length ta = 50 c peak forward surge current, 8.3ms single half sine wave superimposed on rated load (jedec method) maximum peak forward voltage at i f = 2.0 amps. v f 1.3 v maximum dc reverse current ta = 25 c i r 10 m a at rated dc blocking voltage ta = 100 c i r(h) 500 m a maximum reverse recovery time ( note 1 ) trr 250 ns typical junction capacitance ( note 2 ) c j 28 pf junction temperature range t j - 50 to + 125 c storage temperature range t stg - 50 to + 150 c notes : ( 1 ) reverse recovery test conditions : i f = 0.5 a, i r = 1.0 a, irr = 0.25 a. ( 2 ) measured at 1.0 mhz and applied reverse voltage of 4.0 v dc ra ting a a i f(av) i fsm 70 2.0 mechanical da ta : * case : do-201ad molded plastic * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil-std-202, method 208 guaranteed * polarity : color band denotes cathode end * mounting position : any * weight : 1.16 grams fea tures : * high current capability * high surge current capability * high reliability * low re verse current * low forward voltage drop * fast switching for high efficiency
fast recovery rectifiers e-mail: sales@taychipst.com web site: www.taychipst.com 100v-800v 2.0a 2 of 2 by296 thru BY299 2.0 1.6 1.2 0.8 0.4 0 0 25 50 75 100 125 150 175 70 60 50 40 30 20 0.6 0.8 1.0 1.2 1.4 1.5 fig. 3-typica l ins t an t aneous fo r w ard characteristics number of cycles a t 60 hz fig. 2-maximum non-repetitive peak fo r w ard surge current fig. 1- fo r w ard current der a ting cu r ve , t n e r r u c d e i f i t c e r d r a w r o f e g a r e v a s e r e p m a d r a w r o f s u o e n a t n a t s n i s e r e p m a , t n e r r u c , t n e r r u c e g r u s d r a w r o f k a e p s e r e p m a ins t an t aneous fo r w ard vo lt age, vo l ts single phase half w ave 60hz resistive or inductive load 1 10 100 0.0 1 0. 1 1 2 0 1 0 0 20 40 60 80 100 1,000 100 10 1 0.1 0.01 tj=100 c tj=25 c percent of peak reverse vo lt age,% fig. 4-typica l reverse characteristics , t n e r r u c e s r e v e r s u o e n a t n a t s n i s e r e p m a o r c i m ambient temper a ture, c t j =25 c pulse width=300 s 1%dut y cycle 8.3ms single half sine- w a ve (jedec method) 0.1 1.0 10 100 0.01 0.1 1 10 100 100 10 1 0.1 reverse vo lt age,vo l ts t,pulse dur a tion,sec. fig. 5-typica l junction ca p aci t ance fig. 6-typica l transient therma l impedanc e f p , e c n a t i c a p a c n o i t c n u j t j =25 c 1 10 100 200 , e c n a d e p m i l a m r e h t t n e i s n a r t w / c


▲Up To Search▲   

 
Price & Availability of BY299

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X